Part Number Hot Search : 
2SD11 4C7V5 X42180 MZ721 47M50 59101 IB050 AR3510
Product Description
Full Text Search
 

To Download AC-161A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC-161A
FEATURE
1.Construction : TN / STN LCD panel, Bezel, Zebra and PCB. 2.Optional LED or EL back-light. 3.Controller : KS0066U or Equivalent. 4.5V or 3.3V single power input. Built-in DC/DC converter while using 3.3V power input. 5.Normal / Extended temperature type.
1 6 C h a rs x 1 L i n e 1 / 1 6 D u t y ELECTRICAL CHARACTERISTICS
Item LCD Driving Voltage Supply Current Sym. VDD-V0 IDD Condition 25oC VDD=5.0V Typ.Value 5.0 1.0 Unit. V mA
INTERFACE
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VSS VDD V0 RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 A/EL1 K/EL2
AC-161B
FEATURE
2.Optional LED back-light. 3.Controller : KS0066U or Equivalent.
1.Construction : STN LCD panel, Bezel, Zebra and PCB.
4.5V or 3.3V single power input. Built-in DC/DC converter while using 3.3V power input.
5.Normal / Extended temperature type.
w
w
w
t a .D
S a
e h
1 2 3
U t4 e
Sym. IDD
.c
m o
T2 T1 _ 4.9 + 0.3 10.0Max _ 9.4 + 0.3 14.5Max
THICKNESS: VERSION EL&NO BACKLIGHT LED BACKLIGHT
1 6 C h a rs x 1 L i n e 1 / 1 6 D u t y ELECTRICAL CHARACTERISTICS
Item Condition 25 C
o
Typ.Value 5.0 1.2
Unit. V mA
LCD Driving Voltage Supply Current
VDD-V0
VDD=5.0V
INTERFACE
4 5 6 7 8 9 10 11 12 13 14 15 16 VSS VDD V0 RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 LEDA LEDK
THICKNESS: VERSION NO BACKLIGHT LED BACKLIGHT
86
w
w
w
.D
a
aS t
ee h
4U t
om .c
T2 T1 _ 5.4 + 0.3 10.5Max _ 10.0 + 0.3 15.0Max


▲Up To Search▲   

 
Price & Availability of AC-161A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X